Part Number Hot Search : 
AT91SAM9 ZXGD300 HT7024A 204C08 7260L10 TA78L08S IRFB20N5 T4401
Product Description
Full Text Search
 

To Download MP508W-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
MP5005W
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
Micro Commercial Components
THRU MP5010W
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP-50W
B
Features
* * * * Any Mounting Position Mounting Hole For #8 Screw Plastic Case with Metal Bottom Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix designates RoHS Compliant. See ordering information) Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1
Maximum Ratings
* * * Operating Temperature: -50C to +150C Storage Temperature: -50C to +150C UL Recognized File # E165989 Maximum Recurrent Peak Reverse Voltage MP5005W MP5005W 50V MP501W MP501W 100V MP502W MP502W 200V MP504W MP504W 400V MP506W MP506W 600V MP508W MP508W 800V MP5010W MP5010W 1000V Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Thermal Resistance
Notes:
MCC Catalog Number
Device Marking
Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V
Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
C
E D
IG AC D AC H + A
Electrical Characteristics @ 25C Unless Otherwise Specified
IF(AV) IFSM VF 50.0A 400A TC = 55C 8.3ms, half sine
1.2V
IFM = 25A per element; TJ = 25C (Note 2) TJ = 25C TJ = 100C Per Leg
INCHES MIN 1.118 .432 .769 .673 .038 .193 .429 .169
I A
IR
DIMENSIONS
10A 1.0mA 1.6C/W
RthJC
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7 2. Pulse Test: Pulse Width 300usec, Duty Cycle 1%
DIM A B C D E G H i
MAX 1.130 .442 --.752 .042 --.468 .236
MM MIN 28.40 10.97 19.53 17.10 .97 4.90 10.90 4.30
MAX 28.70 11.23 --19.10 1.07 --11.90 6.00
NOTE
4PL/TYP
www.mccsemi.com
Revision: 8
1 of 3
2008/01/30
MP5005W thru MP5010W
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 .8 1.0 1.2 1.4 10 6 4 2 1 .6 .4 .2 Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60 TJ=25C
MCC
Figure 2 Micro Commercial Components Typical Reverse Characteristics
TM
80 Volts
100
120
140
Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts
Figure 3 Forward Derating Curve 60
Instantaneous Reverse Leakage Current - MicroAmperes ersus v Percent Of Rated Peak Reverse Voltage - Volts
Figure 4 Peak Forward Surge Current 600
50
500
40
400 300 Amps 200 100
30 Amps 20
10
Single Phase, Half Wave 60Hz Resistive or Inductive Load 50 75 100 C 125 150 175
0
1
2
4
6
8 10 Cycles
20
40
60 80 100
0
25
Average Forward Rectified Current - Amperes versus Case Temperature - C
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com
Revision: 8
2 of 3
2008/01/30
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-BP Packing Bulk;50pcs/Box
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 8
3 of 3
2008/01/30


▲Up To Search▲   

 
Price & Availability of MP508W-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X